Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 772 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 772 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 768Page - Renesas Technology Corp SH7721 Datasheet HTML 769Page - Renesas Technology Corp SH7721 Datasheet HTML 770Page - Renesas Technology Corp SH7721 Datasheet HTML 771Page - Renesas Technology Corp SH7721 Datasheet HTML 772Page - Renesas Technology Corp SH7721 Datasheet HTML 773Page - Renesas Technology Corp SH7721 Datasheet HTML 774Page - Renesas Technology Corp SH7721 Datasheet HTML 775Page - Renesas Technology Corp SH7721 Datasheet HTML 776Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 772 / 1524 page
background image
Section 21
Serial I/O with FIFO (SIOF)
Rev. 3.00 Jan. 18, 2008 Page 710 of 1458
REJ09B0033-0300
Table 21.3 shows an example of serial clock frequency.
Table 21.3
SIOF Serial Clock Frequency
Sampling Rate
Frame Length
8 kHz
44.1 kHz
48 kHz
32 bits
256 kHz
1.4112 MHz
1.536 MHz
64 bits
512 kHz
2.8224 MHz
3.072 MHz
128 bits
1.024 MHz
5.6448 MHz
6.144 MHz
256 bits
2.048 MHz
11.289 MHz
12.289 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com