Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 776 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 776 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 772Page - Renesas Technology Corp SH7721 Datasheet HTML 773Page - Renesas Technology Corp SH7721 Datasheet HTML 774Page - Renesas Technology Corp SH7721 Datasheet HTML 775Page - Renesas Technology Corp SH7721 Datasheet HTML 776Page - Renesas Technology Corp SH7721 Datasheet HTML 777Page - Renesas Technology Corp SH7721 Datasheet HTML 778Page - Renesas Technology Corp SH7721 Datasheet HTML 779Page - Renesas Technology Corp SH7721 Datasheet HTML 780Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 776 / 1524 page
background image
Section 21
Serial I/O with FIFO (SIOF)
Rev. 3.00 Jan. 18, 2008 Page 714 of 1458
REJ09B0033-0300
(2)
Frame Length
The length of the frame to be transferred by the SIOF is specified by the FL3 to FL0 bits in
SIMDR. Table 21.5 shows the relationship between the FL3 to FL0 bit settings and frame length.
Table 21.5
Frame Length
FL3 to FL0
Slot Length
Number of Bits in a Frame
Transfer Data
00xx
8
8
8-bit monaural data
0100
8
16
8-bit monaural data
0101
8
32
8-bit monaural data
0110
8
64
8-bit monaural data
0111
8
128
8-bit monaural data
10xx
16
16
16-bit monaural data
1100
16
32
16-bit monaural/stereo data
1101
16
64
16-bit monaural/stereo data
1110
16
128
16-bit monaural/stereo data
1111
16
256
16-bit monaural/stereo data
Note:
x: Don't care.
(3)
Slot Position
The SIOF can specify the position of transmit data, receive data, and control data in a frame
(common to transmission and reception) by slot numbers. The slot number of each data is
specified by the following registers.
• Transmit data: SITDAR
• Receive data: SIRDAR
• Control data: SICDAR
Only 16-bit data is valid for control data. In addition, control data is always assigned to the same
slot number both in transmission and reception.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com