Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 780 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 780 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 776Page - Renesas Technology Corp SH7721 Datasheet HTML 777Page - Renesas Technology Corp SH7721 Datasheet HTML 778Page - Renesas Technology Corp SH7721 Datasheet HTML 779Page - Renesas Technology Corp SH7721 Datasheet HTML 780Page - Renesas Technology Corp SH7721 Datasheet HTML 781Page - Renesas Technology Corp SH7721 Datasheet HTML 782Page - Renesas Technology Corp SH7721 Datasheet HTML 783Page - Renesas Technology Corp SH7721 Datasheet HTML 784Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 780 / 1524 page
background image
Section 21
Serial I/O with FIFO (SIOF)
Rev. 3.00 Jan. 18, 2008 Page 718 of 1458
REJ09B0033-0300
(2)
Control by Secondary FS (Slave Mode 2)
The CODEC normally outputs the SIOFSYNC signal as synchronization pulse (FS). In this
method, the CODEC outputs the secondary FS specific to the control data transfer after 1/2 frame
time has been passed (not the normal FS output timing) to transmit or receive control data. This
method is valid for SIOF slave mode. The following summarizes the control data interface
procedure by the secondary FS.
• Transmit normal transmit data of LSB = 0 (the SIOF forcibly clears 0).
• To execute control data transmission, send transmit data of LSB = 1 (the SIOF forcibly set to 1
by writing SITCDR).
• The CODEC outputs the secondary FS.
• The SIOF transmits or receives (stores in SIRCDR) control data (data specified by SITCDR)
synchronously with the secondary FS.
Figure 21.8 shows an example of the control data interface timing by the secondary FS.
SIOFSCK
SIOFRxD
SIOFTxD
SIOFSYNC
L-channel
data
Specifications: TRMD[1:0]=01,
TDLE=1,
RDLE=1,
CD0E=1,
REDG=0,
TDLA[3:0]=0000,
RDLA[3:0]=0000,
CD0A[3:0]=0000,
FL[3:0]=1110 (Frame length: 128 bits),
TDRE=0,
RDRE=0,
CD1E=0,
TDRA[3:0]=0000,
RDRA[3:0]=0000,
CD1A[3:0]=0000
LSB=1 (Secondary FS request)
1 frame
1/2 frame
1/2 frame
Normal FS
Normal FS
Secondary FS
Control
channel 0
Slot
No.0
Slot
No.0
Figure 21.8
Control Data Interface (Secondary FS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com