Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 781 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 781 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 777Page - Renesas Technology Corp SH7721 Datasheet HTML 778Page - Renesas Technology Corp SH7721 Datasheet HTML 779Page - Renesas Technology Corp SH7721 Datasheet HTML 780Page - Renesas Technology Corp SH7721 Datasheet HTML 781Page - Renesas Technology Corp SH7721 Datasheet HTML 782Page - Renesas Technology Corp SH7721 Datasheet HTML 783Page - Renesas Technology Corp SH7721 Datasheet HTML 784Page - Renesas Technology Corp SH7721 Datasheet HTML 785Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 781 / 1524 page
background image
Section 21
Serial I/O with FIFO (SIOF)
Rev. 3.00 Jan. 18, 2008 Page 719 of 1458
REJ09B0033-0300
21.4.6
FIFO
(1)
Overview
The transmit and receive FIFOs of the SIOF have the following features.
• 16-stage 32-bit FIFOs for transmission and reception
• The FIFO pointer can be updated in one read or write cycle regardless of access size of the
CPU and DMAC. (One-stage 32-bit FIFO access cannot be divided into multiple accesses.)
(2)
Transfer Request
The transfer request of the FIFO can be issued to the CPU or DMAC as the following interrupt
sources.
• FIFO transmit request: TDREQ (transmit interrupt source)
• FIFO receive request: RDREQ (receive interrupt source)
The request conditions for FIFO transmit or receive can be specified individually. The request
conditions for the FIFO transmit and receive are specified by the TFWM2 to TFWM0 bits and
RFWM2 to RFWM0 bits in SIFCTR, respectively. Tables 21.9 and 21.10 summarize the
conditions specified by SIFCTR.
Table 21.9
Conditions to Issue Transmit Request
TFWM2 to TFWM0
Number of
Requested Stages
Transmit Request
Used Areas
000
1
Empty area is 16 stages
100
4
Empty area is 12 stages or more
101
8
Empty area is 8 stages or more
110
12
Empty area is 4 stages or more
Smallest
111
16
Empty area is 1 stage or more
Largest



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com