Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 768 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 768 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 764Page - Renesas Technology Corp SH7721 Datasheet HTML 765Page - Renesas Technology Corp SH7721 Datasheet HTML 766Page - Renesas Technology Corp SH7721 Datasheet HTML 767Page - Renesas Technology Corp SH7721 Datasheet HTML 768Page - Renesas Technology Corp SH7721 Datasheet HTML 769Page - Renesas Technology Corp SH7721 Datasheet HTML 770Page - Renesas Technology Corp SH7721 Datasheet HTML 771Page - Renesas Technology Corp SH7721 Datasheet HTML 772Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 768 / 1524 page
background image
Section 21
Serial I/O with FIFO (SIOF)
Rev. 3.00 Jan. 18, 2008 Page 706 of 1458
REJ09B0033-0300
21.3.12
Receive Data Assign Register (SIRDAR)
SIRDAR is a 16-bit readable/writable register that specifies the position of the receive data in a
frame (slot number).
Bit
Bit Name
Initial
Value
R/W
Description
15
RDLE
0
R/W
Receive Left-Channel Data Enable
0: Disables left-channel data reception
1: Enables left-channel data reception
14 to 12
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
11
10
9
8
RDLA3
RDLA2
RDLA1
RDLA0
0
0
0
0
R/W
R/W
R/W
R/W
Receive Left-Channel Data Assigns 3 to 0
Specify the position of left-channel data in a receive
frame as B'0000 (0) to B'1110 (14).
1111: Setting prohibited
• Receive data for the left channel is stored in the
SIRDL bit in SIRDR.
7
RDRE
0
R/W
Receive Right-Channel Data Enable
0: Disables right-channel data reception
1: Enables right-channel data reception
6 to 4
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
3
2
1
0
RDRA3
RDRA2
RDRA1
RDRA0
0
0
0
0
R/W
R/W
R/W
R/W
Receive Right-Channel Data Assigns 3 to 0
Specify the position of right-channel data in a receive
frame as B'0000 (0) to B'1110 (14).
1111: Setting prohibited
• Receive data for the right channel is stored in the
SIRDR bit in SIRDR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com