Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 765 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 765 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 761Page - Renesas Technology Corp SH7721 Datasheet HTML 762Page - Renesas Technology Corp SH7721 Datasheet HTML 763Page - Renesas Technology Corp SH7721 Datasheet HTML 764Page - Renesas Technology Corp SH7721 Datasheet HTML 765Page - Renesas Technology Corp SH7721 Datasheet HTML 766Page - Renesas Technology Corp SH7721 Datasheet HTML 767Page - Renesas Technology Corp SH7721 Datasheet HTML 768Page - Renesas Technology Corp SH7721 Datasheet HTML 769Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 765 / 1524 page
background image
Section 21
Serial I/O with FIFO (SIOF)
Rev. 3.00 Jan. 18, 2008 Page 703 of 1458
REJ09B0033-0300
21.3.10
Clock Select Register (SISCR)
SISCR is a 16-bit readable/writable register that sets the serial clock generation conditions for the
master clock. SISCR can be specified when the TRMD1 and TRMD0 bits in SIMDR are specified
as B'10 or B'11.
Bit
Bit Name
Initial
Value
R/W
Description
15
MSSEL
1
R/W
Master Clock Source Selection
0: Uses the input signal of the SIOFMCLK pin as the
master clock
1: Uses P
φ as the master clock
The master clock is the clock input to the baud rate
generator.
14
MSIMM
1
R/W
Master Clock Direct Selection
0: Uses the output clock of the baud rate generator as the
serial clock
1: Uses the master clock itself as the serial clock
13
0
R
Reserved
This bit is always read as 0. The write value should
always be 0.
12
11
10
9
8
BRPS4
BRPS3
BRPS2
BRPS1
BRPS0
0
0
0
0
0
R/W
R/W
R/W
R/W
R/W
Prescalar Setting
Set the master clock division ratio according to the count
value of the prescalar of the baud rate generator.
The range of settings is from B'00000 (
× 1/1) to B'11111
(
× 1/32).
7 to 3
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com