| Electronic Components Datasheet Search |
|
SH7721 Datasheet(PDF) 763 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7721 Datasheet(HTML) 763 Page - Renesas Technology Corp |
|
763 / 1524 page ![]() Section 21 Serial I/O with FIFO (SIOF) Rev. 3.00 Jan. 18, 2008 Page 701 of 1458 REJ09B0033-0300 21.3.9 FIFO Control Register (SIFCTR) SIFCTR is a 16-bit readable/writable register that indicates the area available for the transmit/receive FIFO transfer. Bit Bit Name Initial Value R/W Description 15 14 13 TFWM2 TFWM1 TFWM0 0 0 0 R/W R/W R/W Transmit FIFO Watermark 000: Issue a transfer request when 16 stages of the transmit FIFO are empty. 001: Setting prohibited 010: Setting prohibited 011: Setting prohibited 100: Issue a transfer request when 12 or more stages of the transmit FIFO are empty. 101: Issue a transfer request when 8 or more stages of the transmit FIFO are empty. 110: Issue a transfer request when 4 or more stages of the transmit FIFO are empty. 111: Issue a transfer request when 1 or more stages of transmit FIFO are empty. • A transfer request to the transmit FIFO is issued by the TDREQ bit in SISTR. • The transmit FIFO is always used as 16 stages of the FIFO regardless of these bit settings. 12 11 10 9 8 TFUA4 TFUA3 TFUA2 TFUA1 TFUA0 1 0 0 0 0 R R R R R Transmit FIFO Usable Area Indicate the number of words that can be transferred by the CPU or DMAC as B'00000 (full) to B'10000 (empty). |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |