Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 766 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 766 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 762Page - Renesas Technology Corp SH7721 Datasheet HTML 763Page - Renesas Technology Corp SH7721 Datasheet HTML 764Page - Renesas Technology Corp SH7721 Datasheet HTML 765Page - Renesas Technology Corp SH7721 Datasheet HTML 766Page - Renesas Technology Corp SH7721 Datasheet HTML 767Page - Renesas Technology Corp SH7721 Datasheet HTML 768Page - Renesas Technology Corp SH7721 Datasheet HTML 769Page - Renesas Technology Corp SH7721 Datasheet HTML 770Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 766 / 1524 page
background image
Section 21
Serial I/O with FIFO (SIOF)
Rev. 3.00 Jan. 18, 2008 Page 704 of 1458
REJ09B0033-0300
Bit
Bit Name
Initial
Value
R/W
Description
2
1
0
BRDV2
BRDV1
BRDV0
0
0
0
R/W
R/W
R/W
Baud rate generator's Division Ratio Setting
Set the frequency division ratio for the output stage of the
baud rate generator.
000: Prescalar output
× 1/2
001: Prescalar output
× 1/4
010: Prescalar output
× 1/8
011: Prescalar output
× 1/16
100: Prescalar output
× 1/32
101: Setting prohibited
110: Setting prohibited
111: Prescalar output
× 1/1*
The final frequency division ratio of the baud rate
generator is determined by BRPS
× BRDV (maximum
1/1024).
Note: *This setting is valid only when the BRPS4 to
BRPS0 bits are set to B'00000.
21.3.11
Transmit Data Assign Register (SITDAR)
SITDAR is a 16-bit readable/writable register that specifies the position of the transmit data in a
frame (slot number).
Bit
Bit Name
Initial
Value
R/W
Description
15
TDLE
0
R/W
Transmit Left-Channel Data Enable
0: Disables left-channel data transmission
1: Enables left-channel data transmission
14 to 12
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com