Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 759 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 759 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 755Page - Renesas Technology Corp SH7721 Datasheet HTML 756Page - Renesas Technology Corp SH7721 Datasheet HTML 757Page - Renesas Technology Corp SH7721 Datasheet HTML 758Page - Renesas Technology Corp SH7721 Datasheet HTML 759Page - Renesas Technology Corp SH7721 Datasheet HTML 760Page - Renesas Technology Corp SH7721 Datasheet HTML 761Page - Renesas Technology Corp SH7721 Datasheet HTML 762Page - Renesas Technology Corp SH7721 Datasheet HTML 763Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 759 / 1524 page
background image
Section 21
Serial I/O with FIFO (SIOF)
Rev. 3.00 Jan. 18, 2008 Page 697 of 1458
REJ09B0033-0300
Bit
Bit Name
Initial
Value
R/W
Description
3
TFOVF
0
R/W
Transmit FIFO Overflow
0: No transmit FIFO overflow
1: Transmit FIFO overflow
A transmit FIFO overflow means that there has been an
attempt to write to SITDR when the transmit FIFO is full.
When a transmit FIFO overflow occurs, the SIOF
indicates overflow, and writing is invalid.
• This bit is valid when the TXE bit in SICTR is 1.
• When 1 is written to this bit, the contents are cleared.
Writing 0 to this bit is invalid.
• If the issue of interrupts by this bit is enabled, an
SIOF interrupt is issued.
2
TFUDF
0
R/W
Transmit FIFO Underflow
0: No transmit FIFO underflow
1: Transmit FIFO underflow
A transmit FIFO underflow means that loading for
transmission has occurred when the transmit FIFO is
empty.
When a transmit FIFO underflow occurs, the SIOF
repeatedly sends the previous transmit data.
• This bit is valid when the TXE bit in SICTR is 1.
• When 1 is written to this bit, the contents are cleared.
Writing 0 to this bit is invalid.
• If the issue of interrupts by this bit is enabled, an
SIOF interrupt is issued.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com