Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 755 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 755 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 751Page - Renesas Technology Corp SH7721 Datasheet HTML 752Page - Renesas Technology Corp SH7721 Datasheet HTML 753Page - Renesas Technology Corp SH7721 Datasheet HTML 754Page - Renesas Technology Corp SH7721 Datasheet HTML 755Page - Renesas Technology Corp SH7721 Datasheet HTML 756Page - Renesas Technology Corp SH7721 Datasheet HTML 757Page - Renesas Technology Corp SH7721 Datasheet HTML 758Page - Renesas Technology Corp SH7721 Datasheet HTML 759Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 755 / 1524 page
background image
Section 21
Serial I/O with FIFO (SIOF)
Rev. 3.00 Jan. 18, 2008 Page 693 of 1458
REJ09B0033-0300
21.3.7
Status Register (SISTR)
SISTR is a 16-bit read-only register that shows the SIOF state. Each bit in this register becomes an
SIOF interrupt source when the corresponding bit in SIIER is set to 1.
SISTR is initialized in module stop mode.
Bit
Bit Name
Initial
Value
R/W
Description
15
0
R
Reserved
This bit is always read as 0. The write value should
always be 0.
14
TCRDY
0
R
Transmit Control Data Ready
0: Indicates that a write to SITCR is disabled
1: Indicates that a write to SITCR is enabled
• If SITCR is written when this bit is cleared to 0, SITCR
is over-written and the previous contents of SITCR
are not output from the SIOFTxD pin.
• This bit is valid when the TXE bit in SITCR is set to 1.
• This bit indicates a state of the SIOF. If SITCR is
written, the SIOF clears this bit.
• If the issue of interrupts by this bit is enabled, an
SIOF interrupt is issued.
13
TFEMP
0
R
Transmit FIFO Empty
0: Indicates that transmit FIFO is not empty
1: Indicates that transmit FIFO is empty
• This bit is valid when the TXE bit in SICTR is 1.
• This bit indicates a state; if SITDR is written, the SIOF
clears this bit.
• If the issue of interrupts by this bit is enabled, an
SIOF interrupt is issued.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com