Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 757 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 757 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 753Page - Renesas Technology Corp SH7721 Datasheet HTML 754Page - Renesas Technology Corp SH7721 Datasheet HTML 755Page - Renesas Technology Corp SH7721 Datasheet HTML 756Page - Renesas Technology Corp SH7721 Datasheet HTML 757Page - Renesas Technology Corp SH7721 Datasheet HTML 758Page - Renesas Technology Corp SH7721 Datasheet HTML 759Page - Renesas Technology Corp SH7721 Datasheet HTML 760Page - Renesas Technology Corp SH7721 Datasheet HTML 761Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 757 / 1524 page
background image
Section 21
Serial I/O with FIFO (SIOF)
Rev. 3.00 Jan. 18, 2008 Page 695 of 1458
REJ09B0033-0300
Bit
Bit Name
Initial
Value
R/W
Description
9
RFFUL
0
R
Receive FIFO Full
0: Receive FIFO not full
1: Receive FIFO full
• This bit is valid when the RXE bit in SICTR is 1.
• This bit indicates a state; if SIRDR is read, the SIOF
clears this bit.
• If the issue of interrupts by this bit is enabled, an
SIOF interrupt is issued.
8
RDREQ
0
R
Receive Data Transfer Request
0: Indicates that the size of valid space in the receive
FIFO does not exceed the size specified by the RFWM
bit in SIFCTR.
1: Indicates that the size of valid space in the receive
FIFO exceeds the size specified by the RFWM bit in
SIFCTR.
A receive data transfer request is issued when the valid
space in the receive FIFO exceeds the size specified by
the RFWM bit in SIFCTR.
When using receive data transfer through the DMAC, this
bit is always cleared by one DMAC access. After DMAC
access, when conditions for setting this bit are satisfied,
the SIOF again indicates 1 for this bit.
• This bit is valid when the RXE bit in SICTR is 1.
• This bit indicates a state; if the size of valid space in
the receive FIFO is less than the size specified by the
RFWM bit in SIFCTR, the SIOF clears this bit.
• If the issue of interrupts by this bit is enabled, an
SIOF interrupt is issued.
7, 6
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com