Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 753 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 753 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 749Page - Renesas Technology Corp SH7721 Datasheet HTML 750Page - Renesas Technology Corp SH7721 Datasheet HTML 751Page - Renesas Technology Corp SH7721 Datasheet HTML 752Page - Renesas Technology Corp SH7721 Datasheet HTML 753Page - Renesas Technology Corp SH7721 Datasheet HTML 754Page - Renesas Technology Corp SH7721 Datasheet HTML 755Page - Renesas Technology Corp SH7721 Datasheet HTML 756Page - Renesas Technology Corp SH7721 Datasheet HTML 757Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 753 / 1524 page
background image
Section 21
Serial I/O with FIFO (SIOF)
Rev. 3.00 Jan. 18, 2008 Page 691 of 1458
REJ09B0033-0300
21.3.5
Transmit Control Data Register (SITCR)
SITCR is a 32-bit readable/writable register that specifies transmit control data of the SIOF.
SITCR can be specified only when the FL bit in SIMDR is specified as 1xxx (x: Don't care.).
SITCR is initialized in module stop mode.
Bit
Bit Name
Initial
Value
R/W
Description
31 to 16
SITC0
15 to 0
All 0
R/W
Control Channel 0 Transmit Data
Specify data to be output from the SIOFTxD pin as
control channel 0 transmit data. The position of the
control channel 0 data in the transmit or receive frame
is specified by the CD0A bit in SICDAR.
• These bits are valid only when the CD0E bit in
SICDAR is set to 1.
15 to 0
SITC1
15 to 0
All 0
R/W
Control Channel 1 Transmit Data
Specify data to be output from the SIOFTxD pin as
control channel 1 transmit data. The position of the
control channel 1 data in the transmit or receive frame
is specified by the CD1A bit in SICDAR.
• These bits are valid only when the CD1E bit in
SICDAR is set to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com