Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 752 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 752 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 748Page - Renesas Technology Corp SH7721 Datasheet HTML 749Page - Renesas Technology Corp SH7721 Datasheet HTML 750Page - Renesas Technology Corp SH7721 Datasheet HTML 751Page - Renesas Technology Corp SH7721 Datasheet HTML 752Page - Renesas Technology Corp SH7721 Datasheet HTML 753Page - Renesas Technology Corp SH7721 Datasheet HTML 754Page - Renesas Technology Corp SH7721 Datasheet HTML 755Page - Renesas Technology Corp SH7721 Datasheet HTML 756Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 752 / 1524 page
background image
Section 21
Serial I/O with FIFO (SIOF)
Rev. 3.00 Jan. 18, 2008 Page 690 of 1458
REJ09B0033-0300
21.3.4
Receive Data Register (SIRDR)
SIRDR is a 32-bit read-only register that reads receive data of the SIOF. SIRDR stores data in the
receive FIFO and is initialized by the conditions specified in section 37, List of Registers, or by a
receive reset caused by the RXRST bit in SICTR.
Bit
Bit Name
Initial
Value
R/W
Description
31 to 16
SIRDL
15 to 0
All 0
R
Left-Channel Receive Data
Store data received from the SIOFRxD pin as left-
channel data. The position of the left-channel data in
the receive frame is specified by the RDLA bit in
SIRDAR.
• These bits are valid only when the RDLE bit in
SIRDAR is set to 1.
15 to 0
SIRDR
15 to 0
All 0
R
Right-Channel Receive Data
Store data received from the SIOFRxD pin as right-
channel data. The position of the right-channel data in
the receive frame is specified by the RDRA bit in
SIRDAR.
• These bits are valid only when the RDRE bit in
SIRDAR is set to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com