Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 748 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 748 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 744Page - Renesas Technology Corp SH7721 Datasheet HTML 745Page - Renesas Technology Corp SH7721 Datasheet HTML 746Page - Renesas Technology Corp SH7721 Datasheet HTML 747Page - Renesas Technology Corp SH7721 Datasheet HTML 748Page - Renesas Technology Corp SH7721 Datasheet HTML 749Page - Renesas Technology Corp SH7721 Datasheet HTML 750Page - Renesas Technology Corp SH7721 Datasheet HTML 751Page - Renesas Technology Corp SH7721 Datasheet HTML 752Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 748 / 1524 page
background image
Section 21
Serial I/O with FIFO (SIOF)
Rev. 3.00 Jan. 18, 2008 Page 686 of 1458
REJ09B0033-0300
21.3.2
Control Register (SICTR)
SICTR is a 16-bit readable/writable register that sets the SIOF operating state.
Bit
Bit Name
Initial
Value
R/W
Description
15
SCKE
0
R/W
Serial Clock Output Enable
This bit is valid in master mode.
0: Disables the SIOFSCK output (outputs 0)
1: Enables the SIOFSCK output
• If this bit is set to 1, the SIOF initializes the baud
rate generator and initiates the operation. At the
same time, the SIOF outputs the clock generated by
the baud rate generator to the SIOFSCK pin.
This bit is initialized in module stop mode.
14
FSE
0
R/W
Frame Synchronous Signal Output Enable
This bit is valid in master mode.
0: Disables the SIOFSYNC output (outputs 0)
1: Enables the SIOFSYNC output
• If this bit is set to 1, the SIOF initializes the frame
counter and initiates the operation.
This bit is initialized in module stop mode.
13 to 10
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com