Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 746 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 746 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 742Page - Renesas Technology Corp SH7721 Datasheet HTML 743Page - Renesas Technology Corp SH7721 Datasheet HTML 744Page - Renesas Technology Corp SH7721 Datasheet HTML 745Page - Renesas Technology Corp SH7721 Datasheet HTML 746Page - Renesas Technology Corp SH7721 Datasheet HTML 747Page - Renesas Technology Corp SH7721 Datasheet HTML 748Page - Renesas Technology Corp SH7721 Datasheet HTML 749Page - Renesas Technology Corp SH7721 Datasheet HTML 750Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 746 / 1524 page
background image
Section 21
Serial I/O with FIFO (SIOF)
Rev. 3.00 Jan. 18, 2008 Page 684 of 1458
REJ09B0033-0300
Bit
Bit Name
Initial
Value
R/W
Description
11
10
9
8
FL3
FL2
FL1
FL0
0
0
0
0
R/W
R/W
R/W
R/W
Frame Length 3 to 0
00xx: Data length is 8 bits and frame length is 8 bits.
0100: Data length is 8 bits and frame length is 16 bits.
0101: Data length is 8 bits and frame length is 32 bits.
0110: Data length is 8 bits and frame length is 64 bits.
0111: Data length is 8 bits and frame length is 128 bits.
10xx: Data length is 16 bits and frame length is 16 bits.
1100: Data length is 16 bits and frame length is 32 bits.
1101: Data length is 16 bits and frame length is 64 bits.
1110: Data length is 16 bits and frame length is 128 bits.
1111: Data length is 16 bits and frame length is 256 bits.
Note: When data length is specified as 8 bits, control
data cannot be transmitted or received.
x: Don't care
7
TXDIZ
0
R/W
SIOFTxD Pin Output when Transmission is Invalid*
0: High output (1 output) when invalid
1: High-impedance state when invalid
Note: Invalid means when disabled, and when a slot that
is not assigned as transmit data or control data is
being transmitted.
6
RCIM
0
R/W
Receive Control Data Interrupt Mode
0: Sets the RCRDY bit in SISTR when the contents of
SIRCR change.
1: Sets the RCRDY bit in SISTR each time when the
SIRCR receives the control data.
5
SYNCAC
0
R/W
SIOFSYNC Pin Polarity
Valid when the SIOFSYNC signal is output as
synchronous pulse in master mode.
0: Active-high
1: Active-low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com