Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 749 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 749 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 745Page - Renesas Technology Corp SH7721 Datasheet HTML 746Page - Renesas Technology Corp SH7721 Datasheet HTML 747Page - Renesas Technology Corp SH7721 Datasheet HTML 748Page - Renesas Technology Corp SH7721 Datasheet HTML 749Page - Renesas Technology Corp SH7721 Datasheet HTML 750Page - Renesas Technology Corp SH7721 Datasheet HTML 751Page - Renesas Technology Corp SH7721 Datasheet HTML 752Page - Renesas Technology Corp SH7721 Datasheet HTML 753Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 749 / 1524 page
background image
Section 21
Serial I/O with FIFO (SIOF)
Rev. 3.00 Jan. 18, 2008 Page 687 of 1458
REJ09B0033-0300
Bit
Bit Name
Initial
Value
R/W
Description
9
TXE
0
R/W
Transmit Enable
0: Disables data transmission from the SIOFTxD pin
1: Enables data transmission from the SIOFTxD pin
• This bit setting becomes valid at the start of the next
frame (at the rising edge of the SIOFSYNC signal).
• When the 1 setting for this bit becomes valid, the
SIOF issues a transmit transfer request according to
the setting of the TFWM bit in SIFCTR. When
transmit data is stored in the transmit FIFO,
transmission of data from the SIOFTxD pin begins.
• This bit is initialized upon a transmit reset.
This bit is initialized in module stop mode.
8
RXE
0
R/W
Receive Enable
0: Disables data reception from SIOFRxD
1: Enables data reception from SIOFRxD
• This bit setting becomes valid at the start of the next
frame (at the rising edge of the SIOFSYNC signal).
• When the 1 setting for this bit becomes valid, the
SIOF begins the reception of data from the
SIOFRxD pin. When receive data is stored in the
receive FIFO, the SIOF issues a reception transfer
request according to the setting of the RFWM bit in
SIFCTR.
• This bit is initialized upon receive reset.
This bit is initialized in module stop mode.
7 to 2
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com