Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 825 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 825 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 821Page - Renesas Technology Corp SH7721 Datasheet HTML 822Page - Renesas Technology Corp SH7721 Datasheet HTML 823Page - Renesas Technology Corp SH7721 Datasheet HTML 824Page - Renesas Technology Corp SH7721 Datasheet HTML 825Page - Renesas Technology Corp SH7721 Datasheet HTML 826Page - Renesas Technology Corp SH7721 Datasheet HTML 827Page - Renesas Technology Corp SH7721 Datasheet HTML 828Page - Renesas Technology Corp SH7721 Datasheet HTML 829Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 825 / 1524 page
background image
Section 23
USB Pin Multiplex Controller
Rev. 3.00 Jan. 18, 2008 Page 763 of 1458
REJ09B0033-0300
This LSI
USB host
USB connector
USB1_pwr_en
USB1_ovr_current
GND
D+
D-
PDIUSBP11A etc.
SPEED
USB
power control
LSI
D
+
D
−
15k
Ω
15k
Ω
OE
VPO
VMO/FSEO
RCV
VP
VM
SUSPEND
USB1d_SPEED
USB1d_TXENL
USB1d_TXDPLS
USB1d_TXSEO
USB1d_RCV
USB1d_DPLS
USB1d_DMNS
USB1d_SUSPEND
5V
Figure 23.5
Example 2 of Transceiver Connection for USB Host Controller
(On-Chip Transceiver is not Used)
23.5
Usage Notes
23.5.1
About the USB Transceiver
USB transceiver is included in this LSI. It is also possible to connect an external transceiver
according to the setting in EXPFC register (see figures 23.3 and 23.5). In this case, ask the
manufacturer of the transceiver about the recommended circuit that is used between the USB
transceiver and USB connectors.
23.5.2
About the Examples of External Circuit
These examples of transceiver connection in this chapter are for reference only, therefore proper
operation is not guaranteed with these circuit examples. If system countermeasures are required
for external surges and ESD noise, use a protective diode, etc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com