Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 822 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 822 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 818Page - Renesas Technology Corp SH7721 Datasheet HTML 819Page - Renesas Technology Corp SH7721 Datasheet HTML 820Page - Renesas Technology Corp SH7721 Datasheet HTML 821Page - Renesas Technology Corp SH7721 Datasheet HTML 822Page - Renesas Technology Corp SH7721 Datasheet HTML 823Page - Renesas Technology Corp SH7721 Datasheet HTML 824Page - Renesas Technology Corp SH7721 Datasheet HTML 825Page - Renesas Technology Corp SH7721 Datasheet HTML 826Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 822 / 1524 page
background image
Section 23
USB Pin Multiplex Controller
Rev. 3.00 Jan. 18, 2008 Page 760 of 1458
REJ09B0033-0300
This LSI
USB function
USB connector
USB1_pwr_en
USBF_VBUS
VBUS
D
+
D
−
GND
PDIUSBP11A etc.
SPEED
D
+
D
−
OE
VPO
VMO/FSEO
RCV
VP
VM
SUSPEND
USB1d_SPEED
USB1d_TXENL
USB1d_TXDPLS
USB1d_TXSEO
USB1d_RCV
USB1d_DPLS
USB1d_DMNS
USB1d_SUSPEND
3.3V
5V
1.5k
Ω
IC1
IC allowing voltage application
when system power is off
IC2
IC allowing voltage application
when system power is off
Figure 23.3
Example 2 of Transceiver Connection for USB function Controller
(On-Chip Transceiver is not Used)
• D+ Pull-up Control
Control D+ pull-up by using USB1_pwr_en pin in the system when the connection—
notification (D+ pull-up) to USB host or hub is wished to be inhibited (i.e., during high-
priority processing or initialization processing).
The D+ pull-up control signal and USBF_VBUS pin input signal should be controlled by using
the USB1_pwr_en pin and the USB cable VBUS (AND circuit) as is shown in examples of
figures 23.2 and 23.3
D+ pull-up is inhibited when the USB1_pwr_en pin is low in examples of figures 23.3 and
23.5. Use an IC such that allows voltage application when system power is off (for example,
HD74LV1G126A) for the pull-up control IC (IC2 in figures 23.2 to 23.5).
(The UDC core in this LSI holds the powered state when USBF_VBUS pin is low, regardless
of the D
+/D− state.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com