Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 820 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 820 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 816Page - Renesas Technology Corp SH7721 Datasheet HTML 817Page - Renesas Technology Corp SH7721 Datasheet HTML 818Page - Renesas Technology Corp SH7721 Datasheet HTML 819Page - Renesas Technology Corp SH7721 Datasheet HTML 820Page - Renesas Technology Corp SH7721 Datasheet HTML 821Page - Renesas Technology Corp SH7721 Datasheet HTML 822Page - Renesas Technology Corp SH7721 Datasheet HTML 823Page - Renesas Technology Corp SH7721 Datasheet HTML 824Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 820 / 1524 page
background image
Section 23
USB Pin Multiplex Controller
Rev. 3.00 Jan. 18, 2008 Page 758 of 1458
REJ09B0033-0300
23.3
Register Descriptions
The USB pin multiplexer controller has the following register.
• USB transceiver control register (UTRCTL)
23.3.1
USB Transceiver Control Register (UTRCTL)
UTRCTL controls the selection of transceiver function and signal source related to the USB port
1.
Bit
Bit Name
Initial Value
R/W
Description
15 to 9
All 0
R/W
Reserved
These bits are always read as all 0s. The write
values should always be all 0s.
8
DRV
0
R/W
See section 34, Pin Function Controller (PFC).
7 to 2
All 0
R/W
Reserved
These bits are always read as all 0s. The write
values should always be all 0s.
1
USB_TRANS 0
W
USB Port 1 Transceiver Select
0: USB transceiver is enabled
1: USB digital signals output is enabled
0
USB_SEL
1
W
USB Port 1 Signal Source Select
0: Port 1 of USB host controller is used
1: Port 1 of USB function controller is used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com