Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 819 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 819 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 815Page - Renesas Technology Corp SH7721 Datasheet HTML 816Page - Renesas Technology Corp SH7721 Datasheet HTML 817Page - Renesas Technology Corp SH7721 Datasheet HTML 818Page - Renesas Technology Corp SH7721 Datasheet HTML 819Page - Renesas Technology Corp SH7721 Datasheet HTML 820Page - Renesas Technology Corp SH7721 Datasheet HTML 821Page - Renesas Technology Corp SH7721 Datasheet HTML 822Page - Renesas Technology Corp SH7721 Datasheet HTML 823Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 819 / 1524 page
background image
Section 23
USB Pin Multiplex Controller
Rev. 3.00 Jan. 18, 2008 Page 757 of 1458
REJ09B0033-0300
Table 23.3
Pin Configuration (Power Control Signal)
Name
Pin Name
I/O
Description
USB1 power
enable/pull-up control
pin
USB1_pwr_en/
USBF_UPLUP
Output
USB port 1 power enable control*/
pull- up control output
USB2 power enable
pin
USB2_pwr_en
Output
USB port 2 power enable control
USB1 over current
/monitor pin
USB1_ovr_current/
USBF_VBUS
Input
USB port 1 over-current detect/
USB cable connection monitor pin*
USB2 over current pin
USB2_ovr_current
Input
USB port 2 over-current detect
Note:
The pins shown in table 23.3 can be used for power control of USB. Pins for port 1 (pins
with *) have the functions that are multiplexed functions of USB controller and USB function
controller.
Table 23.4
Pin Configuration (Clock Signal)
Name
Pin Name
I/O
Description
USB external clock
EXTAL_USB
Input
Connects a crystal resonator for USB.
Also used to input an external clock for
USB (48 MHz input).
USB crystal
XTAL_USB
Output
Connects a USB crystal resonator for
USB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com