Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 815 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 815 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 811Page - Renesas Technology Corp SH7721 Datasheet HTML 812Page - Renesas Technology Corp SH7721 Datasheet HTML 813Page - Renesas Technology Corp SH7721 Datasheet HTML 814Page - Renesas Technology Corp SH7721 Datasheet HTML 815Page - Renesas Technology Corp SH7721 Datasheet HTML 816Page - Renesas Technology Corp SH7721 Datasheet HTML 817Page - Renesas Technology Corp SH7721 Datasheet HTML 818Page - Renesas Technology Corp SH7721 Datasheet HTML 819Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 815 / 1524 page
background image
Section 22
Analog Front End Interface (AFEIF)
Rev. 3.00 Jan. 18, 2008 Page 753 of 1458
REJ09B0033-0300
Count
up
RCNTV
set
RCNTV
set
RCNTV
set
RCNTV
set
1. First INT occur. RCEN (ACTR2) turns on.
2. From 2nd INT, read the RCNTV.
3. After acknowledge the ringing, RCEN (ACTR) turns off and goes
to off hook operation.
Figure 22.8
Ringing Detect Sequence
(2)
Dial Pulse Sending Sequence
A dial pulse is generated according to the conditions that are specified in ACTR2, and is sent out
to AFE_RLYCNT.
As the basic clock for generating the dial pulse is AFE_FS that is input from AFE, it is necessary
to make AFE in operating state. An example of control sequence for dial pulse sending is shown
below.
Note that this sequence cannot be operated when RLYC bit (ACTR2) is low.
[Conditions]
Make ratio:
33%
Pulse interval:
20 PPS
Minimum pause: 600 ms
Dial number:
0,1234567 ("," means pause)
[Control sequence]
1. Set PPS (ACTR2)
→ "1", MKR → "9EH1", MNRPCNT → "1680H"
2. Set DPNQ
→ "AF12H".
3. Set RLYC
→ "H". (Off Hook)
4. Detect dial tone or wait specific period. (Controlled by software)
5. Write "1" to DPST (ACTR2). (Start sending dial pulse)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com