Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 811 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 811 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 807Page - Renesas Technology Corp SH7721 Datasheet HTML 808Page - Renesas Technology Corp SH7721 Datasheet HTML 809Page - Renesas Technology Corp SH7721 Datasheet HTML 810Page - Renesas Technology Corp SH7721 Datasheet HTML 811Page - Renesas Technology Corp SH7721 Datasheet HTML 812Page - Renesas Technology Corp SH7721 Datasheet HTML 813Page - Renesas Technology Corp SH7721 Datasheet HTML 814Page - Renesas Technology Corp SH7721 Datasheet HTML 815Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 811 / 1524 page
background image
Section 22
Analog Front End Interface (AFEIF)
Rev. 3.00 Jan. 18, 2008 Page 749 of 1458
REJ09B0033-0300
(2)
Ringing Interrupt Timing
As the figure 22.3 shows, the ringing signal from the line is transformed to rectangular wave and
then input to AFEIF. The interrupt is generated at the falling edge of input wave in AFEIF
module.
Ringing wave
Input wave
Interrupt occur
Figure 22.3
Ringing Interrupt Occurrence Timing
(3)
Dial Pulse Interrupt Timing
Dial pulse interrupt is generated in the dial pulse transmit sequence when AFEIF reads 0H (end)
data from DPNQ register or all of 4 digits are output. Refer to section 22.4.3, DAA Interface about
dial pulse sequence.
(4)
Interrupt Generator Circuit
Interrupt is generated as is shown in figure 22.4. That is, AFEIFI signal is generated by
performing OR operation on the four signals from ASTR1 in FIFO interrupt control and the two
signals from ASTR2 in DAA interrupt control, and then sent out to INTC as one interrupt signal.
ASTR1
(FIFO control)
AFEIFI
Interrupt mask Interrupt factor
ASTR2
(DAA control)
Interrupt mask Interrupt factor
2
4
2
4
2
4
Figure 22.4
Interrupt Generator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com