Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 808 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 808 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 804Page - Renesas Technology Corp SH7721 Datasheet HTML 805Page - Renesas Technology Corp SH7721 Datasheet HTML 806Page - Renesas Technology Corp SH7721 Datasheet HTML 807Page - Renesas Technology Corp SH7721 Datasheet HTML 808Page - Renesas Technology Corp SH7721 Datasheet HTML 809Page - Renesas Technology Corp SH7721 Datasheet HTML 810Page - Renesas Technology Corp SH7721 Datasheet HTML 811Page - Renesas Technology Corp SH7721 Datasheet HTML 812Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 808 / 1524 page
background image
Section 22
Analog Front End Interface (AFEIF)
Rev. 3.00 Jan. 18, 2008 Page 746 of 1458
REJ09B0033-0300
22.3.6
Ringing Pulse Counter (RCNT)
The result of counting 1 cycle of ringing waveform with AFE_FS is shown here.
Bit
Bit Name
Initial Value
R/W
Description
15 to 0
RCNT15 to
RCNT0
All 0
R/W
Ringing Counter Value
The result of counting 1 cycle of input ringing
waveform with AFE_FS (output of AFE). See
section 22.4.3, DAA Interface for more detail
about the ringing detect sequence.
22.3.7
AFE Control Data Register (ACDR)
ACDR is the register to store the AFE control word. After 1 is written to HC bit (ACTR1), data is
transferred to AFE at the timing of 3rd FS.
Bit
Bit Name
Initial Value
R/W
Description
15 to 0
ACDR15 to
ACDR0
All 0
R/W
Store the AFE control word.
22.3.8
AFE Status Data Register (ASDR)
ASDR is the register to store the AFE status word. After 1 is written to HC bit (ACTR2), data is
transferred to ASDR from AFE at the timing of 3rd FS.
Bit
Bit Name
Initial Value
R/W
Description
15 to 0
ASDR15 to
ASDR0
All 0
R
Store the AFE control word.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com