Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 804 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 804 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 800Page - Renesas Technology Corp SH7721 Datasheet HTML 801Page - Renesas Technology Corp SH7721 Datasheet HTML 802Page - Renesas Technology Corp SH7721 Datasheet HTML 803Page - Renesas Technology Corp SH7721 Datasheet HTML 804Page - Renesas Technology Corp SH7721 Datasheet HTML 805Page - Renesas Technology Corp SH7721 Datasheet HTML 806Page - Renesas Technology Corp SH7721 Datasheet HTML 807Page - Renesas Technology Corp SH7721 Datasheet HTML 808Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 804 / 1524 page
background image
Section 22
Analog Front End Interface (AFEIF)
Rev. 3.00 Jan. 18, 2008 Page 742 of 1458
REJ09B0033-0300
Bit
Bit Name
Initial Value
R/W
Description
2
RFF
0
R
Receive FIFO Full Interrupt
0: Normal state
[Clearing conditions]
• Reset
• Number of data in FIFO becomes smaller
than the size that is indicated with FFSZ
(ACTR1)
• RE bit (ACTR1) is set to 0
1: Rx FIFO full interrupt
[Setting condition]
• Specified size with FFSZ (ACTR1) of
receive data is accumulated into FIFO
1
THE
1
R
Transmit FIFO Half Size Empty
0: Normal state
[Clearing condition]
• Number of valid data in FIFO becomes
greater than the half of the size that is
indicated by FFSZ
1: Tx FIFO Half Size Interrupt
[Setting conditions]
• Reset
• Number of valid data in FIFO becomes
smaller than the half of the size that is
indicated with FFSZ
• TE bit (ACTR1) is set to 0 (THEM bit is set
to 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com