Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 801 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 801 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 797Page - Renesas Technology Corp SH7721 Datasheet HTML 798Page - Renesas Technology Corp SH7721 Datasheet HTML 799Page - Renesas Technology Corp SH7721 Datasheet HTML 800Page - Renesas Technology Corp SH7721 Datasheet HTML 801Page - Renesas Technology Corp SH7721 Datasheet HTML 802Page - Renesas Technology Corp SH7721 Datasheet HTML 803Page - Renesas Technology Corp SH7721 Datasheet HTML 804Page - Renesas Technology Corp SH7721 Datasheet HTML 805Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 801 / 1524 page
background image
Section 22
Analog Front End Interface (AFEIF)
Rev. 3.00 Jan. 18, 2008 Page 739 of 1458
REJ09B0033-0300
• ACTR2
Bit
Bit Name
Initial Value
R/W
Description
15 to 5
All 0
R
Reserved
These bits are always read as 0. The write
value should always be 0.
4
DPST
0
R/W
Dial Pulse Start
Start bit of dial pulse. Dial number within the
DPNQ register is output to AFE_RLYCNT as
specified by PPS, MRCR and MPCR. After all
dial number is output, DPE interrupt is
generated to modify the DPST bit to 0. See
section 22.4.3, DAA Interface for more detail
about dial pulse output sequence. Take care
that AFE_RLYCNT must be "H" to enable dial
pulse generating circuit
3
PPS
0
R/W
Dial Pulse Duration Set
0: 10 PPS
1: 20 PPS
2
RCEN
0
R/W
Ringing Counter Enable
0: Stop Ringing Counter
1: Start Ringing Counter
Note:
See section 22.4.3, DAA Interface for
more detail about how to count.
1
0
R
Reserved
This bit is always read as 0. The write value
should always be 0.
0
RLYC
0
R/W
Relay Control
The signal controls Hook Relay.
0: On hook state. AFE_RLYCNT goes Low
Level.
1: Off hook state. AFE_RLYCNT goes High
Level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com