Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 803 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 803 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 799Page - Renesas Technology Corp SH7721 Datasheet HTML 800Page - Renesas Technology Corp SH7721 Datasheet HTML 801Page - Renesas Technology Corp SH7721 Datasheet HTML 802Page - Renesas Technology Corp SH7721 Datasheet HTML 803Page - Renesas Technology Corp SH7721 Datasheet HTML 804Page - Renesas Technology Corp SH7721 Datasheet HTML 805Page - Renesas Technology Corp SH7721 Datasheet HTML 806Page - Renesas Technology Corp SH7721 Datasheet HTML 807Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 803 / 1524 page
background image
Section 22
Analog Front End Interface (AFEIF)
Rev. 3.00 Jan. 18, 2008 Page 741 of 1458
REJ09B0033-0300
Each interrupt mask flag is able to prohibit interrupt generation of each interrupt that indicated in
interrupt status flag. Every mask bits are automatically set when TE or RE bit are modified to 1.
TFEM and THEM are 1 when TE = 0. RFFM and RHFM are 1 when RE = 0. Each mask bit is
reset as 1.
Bit
Bit Name
Initial Value
R/W
Description
15 to 12
All 0
R
Reserved
These bits are always read as 0. The write
value should always be 0.
11
TFEM
1
R/W
Transmit FIFO Empty Interrupt Mask
0: TFE Interrupt enable
1: TFE interrupt masked
10
RFFM
1
R/W
Receive FIFO Full Interrupt Mask
0: RFF Interrupt enable
1: RFF Interrupt masked
9
THEM
1
R/W
Threshold of Transmit FIFO Empty Interrupt
Mask
0: THE Interrupt enable
1: THE Interrupt masked
8
RHFM
1
R/W
Threshold of Receive FIFO Full Interrupt Mask
0: RHF Interrupt enable
1: RHF Interrupt masked
7 to 4
All 0
R
Reserved
These bits are always read as 0. The write
value should always be 0.
3
TFE
1
R
Transmit FIFO Empty Interrupt
0: Normal state
[Clearing condition]
• Data are written into FIFO
1: TxFIFO empty interrupt
[Setting conditions]
• Reset
• No effective data in area of FIFO
• TE bit (ACTR1) is set to 0 (TFEM bit is set
to 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com