Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 805 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 805 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 801Page - Renesas Technology Corp SH7721 Datasheet HTML 802Page - Renesas Technology Corp SH7721 Datasheet HTML 803Page - Renesas Technology Corp SH7721 Datasheet HTML 804Page - Renesas Technology Corp SH7721 Datasheet HTML 805Page - Renesas Technology Corp SH7721 Datasheet HTML 806Page - Renesas Technology Corp SH7721 Datasheet HTML 807Page - Renesas Technology Corp SH7721 Datasheet HTML 808Page - Renesas Technology Corp SH7721 Datasheet HTML 809Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 805 / 1524 page
background image
Section 22
Analog Front End Interface (AFEIF)
Rev. 3.00 Jan. 18, 2008 Page 743 of 1458
REJ09B0033-0300
Bit
Bit Name
Initial Value
R/W
Description
0
RHF
0
R
Receive FIFO Half Size Full
0: Normal state
[Clearing conditions]
• Reset
• Number of data in FIFO becomes smaller
than the half of the size that is indicated by
FFSZ
• RE bit (ACTR1) is set to 0
1: Rx FIFO half size interrupt
[Setting condition]
• The half of specified size with FFSZ
(ACTR1) of receive data is accumulated into
FIFO
(2)
AFEIF Status Register 2 (ASTR2)
ASTR2 is the register that is composed of interrupt status flag (2 bits) relating DAA control and
mask flag (2 bits) of interrupt signals for DAA control. Status flags shows statuses of ringing
detect interrupt, end of dial pulse output interrupt. Interrupt flags are cleared by 0 write after read
action of this register. Each Interrupt signal can be masked by each interrupt masks.
Bit
Bit Name
Initial Value
R/W
Description
15 to 10
All 0
R
Reserved
These bits are always read as 0. The write
value should always be 0.
9
DPEM
1
R/W
Dial Pulse End Interrupt Mask
0: Interrupt enable
1: Interrupt mask
8
RDETM
1
R/W
Ringing Detect Mask
0: Ringing interrupt enable
1: Ringing interrupt mask
7 to 2
All 0
R
Reserved
These bits are always read as 0. The write
value should always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com