Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 809 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 809 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 805Page - Renesas Technology Corp SH7721 Datasheet HTML 806Page - Renesas Technology Corp SH7721 Datasheet HTML 807Page - Renesas Technology Corp SH7721 Datasheet HTML 808Page - Renesas Technology Corp SH7721 Datasheet HTML 809Page - Renesas Technology Corp SH7721 Datasheet HTML 810Page - Renesas Technology Corp SH7721 Datasheet HTML 811Page - Renesas Technology Corp SH7721 Datasheet HTML 812Page - Renesas Technology Corp SH7721 Datasheet HTML 813Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 809 / 1524 page
background image
Section 22
Analog Front End Interface (AFEIF)
Rev. 3.00 Jan. 18, 2008 Page 747 of 1458
REJ09B0033-0300
22.3.9
Transmit Data FIFO Port (TDFP)
TDFP is the write only port for transmit FIFO. Transmit FIFO has 128 stages (maximum), and can
generate interrupt of the data empty as well as of the threshold size specified by FFSZ (ACTR1).
Directly after the reset and when TE (ACTR1) bit is 0, the pointer of FIFO is set to the first
address and data becomes empty. The interrupt will occur when the TE bit (ACTR1) is written to
1 at that state. In normal case, TE bit should be changed after writing data into transmit FIFO.
Bit
Bit Name
Initial Value
R/W
Description
15 to 0
TDFP15 to
TDFP0
All 0
W
Write only port for transmit FIFO.
22.3.10
Receive Data FIFO Port (RDFP)
RDFP is the read only register for receive FIFO. Receive FIFO has 128 stages (maximum), and
can generate interrupt of the data full as well as of the threshold size specified by FFSZ (ACTR1).
Directly after the reset and when RE bit (ACTR1) is 0, the pointer of FIFO is fixed at the first
address and data from RDFP becomes undetermined.
Bit
Bit Name
Initial Value
R/W
Description
15 to 0
RDFP15 to
RDFP0
Undefined
R
Read only register for receive FIFO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com