Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 798 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 798 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 794Page - Renesas Technology Corp SH7721 Datasheet HTML 795Page - Renesas Technology Corp SH7721 Datasheet HTML 796Page - Renesas Technology Corp SH7721 Datasheet HTML 797Page - Renesas Technology Corp SH7721 Datasheet HTML 798Page - Renesas Technology Corp SH7721 Datasheet HTML 799Page - Renesas Technology Corp SH7721 Datasheet HTML 800Page - Renesas Technology Corp SH7721 Datasheet HTML 801Page - Renesas Technology Corp SH7721 Datasheet HTML 802Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 798 / 1524 page
background image
Section 22
Analog Front End Interface (AFEIF)
Rev. 3.00 Jan. 18, 2008 Page 736 of 1458
REJ09B0033-0300
22.2
Input/Output Pins
Table 22.1 shows the pins for AFE interface.
Table 22.1
Pin Configuration
Pin Name
I/O
Function
AFE_RDET
Input
Ringing signal input
AFE_RLYCNT
Output
On-hook control signal
AFE_SCLK
Input
Shift clock
AFE_FS
Input
Frame synchronization signal
AFE_RXIN
Input
Serial receive data
AFE_HC1
Output
AFE hardware control signal
AFE_TXOUT
Output
Serial transmit data
22.3
Register Configuration
Registers for AFEIF are shown below. Byte access registers to these is inhibited.
• AFEIF control register 1 (ACTR1)
• AFEIF control register 2 (ACTR2)
• AFEIF status register 1 (ASTR1)
• AFEIF status register 2 (ASTR2)
• Make ratio count register (MRCR)
• Minimum pose count register (MPCR)
• Dial number queue (DPNQ)
• Ringing pulse counter (RCNT)
• AFE control data register (ACDR)
• AFE status data register (ASDR)
• Transmit data FIFO port (TDFP)
• Receive data FIFO port (RDFP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com