Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 795 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 795 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 791Page - Renesas Technology Corp SH7721 Datasheet HTML 792Page - Renesas Technology Corp SH7721 Datasheet HTML 793Page - Renesas Technology Corp SH7721 Datasheet HTML 794Page - Renesas Technology Corp SH7721 Datasheet HTML 795Page - Renesas Technology Corp SH7721 Datasheet HTML 796Page - Renesas Technology Corp SH7721 Datasheet HTML 797Page - Renesas Technology Corp SH7721 Datasheet HTML 798Page - Renesas Technology Corp SH7721 Datasheet HTML 799Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 795 / 1524 page
background image
Section 21
Serial I/O with FIFO (SIOF)
Rev. 3.00 Jan. 18, 2008 Page 733 of 1458
REJ09B0033-0300
(8)
Synchronization-Pulse Output Mode at End of Each Slot (SYNCAT Bit = 1)
Synchronous pulse method, falling edge sampling, slot No.0 used for left-channel data, slot No.1
used for right-channel data, slot No.2 used for control channel 0 data, slot No.3 used for control
channel 1 data, and frame length = 128 bits
In this mode, valid data must be set to slot No. 0.
SIOFSCK
SIOFRxD
SIOFTxD
SIOFSYNC
TRMD[1:0]=00 or 10,
TDLE=1,
RDLE=1,
CD0E=1,
REDG=0,
TDLA[3:0]=0000,
RDLA[3:0]=0000,
CD0A[3:0]=0010,
FL[3:0]=1110 (frame length: 128 bits),
TDRE=1,
RDRE=1,
CD1E=1,
TDRA[3:0]=0001,
RDRA[3:0]=0001,
CD1A[3:0]=0011
L-channel
data
R-channel
data
Control
channel 0
Control
channel 1
Slot No.0
Slot No.1
Slot No.2
Slot No.3
Slot No.4
Slot No.5
Slot No.6
Slot No.7
Specifications:
1 frame
Figure 21.20
Transmit and Receive Timing (16-Bit Stereo Data)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com