Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 797 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 797 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 793Page - Renesas Technology Corp SH7721 Datasheet HTML 794Page - Renesas Technology Corp SH7721 Datasheet HTML 795Page - Renesas Technology Corp SH7721 Datasheet HTML 796Page - Renesas Technology Corp SH7721 Datasheet HTML 797Page - Renesas Technology Corp SH7721 Datasheet HTML 798Page - Renesas Technology Corp SH7721 Datasheet HTML 799Page - Renesas Technology Corp SH7721 Datasheet HTML 800Page - Renesas Technology Corp SH7721 Datasheet HTML 801Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 797 / 1524 page
background image
Section 22
Analog Front End Interface (AFEIF)
Rev. 3.00 Jan. 18, 2008 Page 735 of 1458
REJ09B0033-0300
Section 22
Analog Front End Interface (AFEIF)
This LSI has an AFE interface that supports softwaremodem. This AFE interface can efficiently
execute the modem processing, because it includes 128 stages of FIFO for each of transmission
and reception. This AFE interface also includes the interface to data access arrangement (DAA)
such as dial pulse generator circuit and ringing detection. Therefore, it is possible to establish a
modem system with a minimum of hardware.
22.1
Features
• Serial interface with FIFO
• Clock synchronized serial interface
• Transmit/receive FIFO size is 16 bits (maximum) × 128 words
• Transmit/receive interrupt threshold size is programmable
• Dial pulse generator circuit is included
• Ringing detection (calling signal) function is included
Figure 22.1 shows a block diagram of AFEIF.
Bus I/F
16
16
16
16
16
32
Peripheral bus
Ringing
detector
Dial pulse
generator
Control
registers
Transmit FIFO
16 bits
× 128 words
AFE control word
AFE status word
HC control
P/S
S/P
AFE_RXIN
AFE_HC1
AFE_TXOUT
AFE_SCLK
AFE_FS
AFE_RLYCNT
AFE_RDET
Receive FIFO
16 bits
× 128 words
16
16
16
Figure 22.1
Block Diagram of AFE Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com