Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 796 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 796 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 792Page - Renesas Technology Corp SH7721 Datasheet HTML 793Page - Renesas Technology Corp SH7721 Datasheet HTML 794Page - Renesas Technology Corp SH7721 Datasheet HTML 795Page - Renesas Technology Corp SH7721 Datasheet HTML 796Page - Renesas Technology Corp SH7721 Datasheet HTML 797Page - Renesas Technology Corp SH7721 Datasheet HTML 798Page - Renesas Technology Corp SH7721 Datasheet HTML 799Page - Renesas Technology Corp SH7721 Datasheet HTML 800Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 796 / 1524 page
background image
Section 21
Serial I/O with FIFO (SIOF)
Rev. 3.00 Jan. 18, 2008 Page 734 of 1458
REJ09B0033-0300
21.5
Usage Notes
21.5.1
Regarding SYNC Signal High Width when Restarting Transmission in Master
Mode 2
(1)
Problem
If SYNC signal output is enabled (FSE bit = 1), while output of the SYNC signal is disabled by
clearing the SICTR.FSE bit in master mode 2 to 0, the High period of the SYNC signal may more
quickly become 1 bit long with the rising edge of the SYNC signal in the head frame. However,
this period will not be generated after the second frame.
SYNC
TXD
17 bit width
32 bit (Valid data)
32 bit (Valid data)
1 bit long
16 bit width
16 bit width
16 bit width
Figure 21.21
Frame Length (32-Bit)
(2)
How to Avoid the Problem
To avoid this problem, either counter-measure (a) or (b) is recommended.
(a)
When outputting data to the head frame, write dummy data to the transmission FIFO and
write valid data after the second frame. The data of the head frame should be read and
omitted at the receive side.
(b)
Use a configuration that does not occur malfunction, even if the period of the SYNC signal
becomes 1 bit longer than that of the value set in the head frame.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com