Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 814 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 814 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 810Page - Renesas Technology Corp SH7721 Datasheet HTML 811Page - Renesas Technology Corp SH7721 Datasheet HTML 812Page - Renesas Technology Corp SH7721 Datasheet HTML 813Page - Renesas Technology Corp SH7721 Datasheet HTML 814Page - Renesas Technology Corp SH7721 Datasheet HTML 815Page - Renesas Technology Corp SH7721 Datasheet HTML 816Page - Renesas Technology Corp SH7721 Datasheet HTML 817Page - Renesas Technology Corp SH7721 Datasheet HTML 818Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 814 / 1524 page
background image
Section 22
Analog Front End Interface (AFEIF)
Rev. 3.00 Jan. 18, 2008 Page 752 of 1458
REJ09B0033-0300
22.4.3
DAA Interface
Figure 22.7 shows the blocks diagram of DAA circuit. Ringing detect and dial pulse sending
sequence are described below.
AFE_RLYCNT
AFE_RDET
AFE
(STLC7550)
AFEIF
Tip
Ring
Hyblid circuit
DC holding
circuit
Hook relay
Ringing detector
Figure 22.7
DAA Block Diagram
(1)
Ringing Detect Sequence
After the first ringing interrupt occurs, counting starts with writing 1 into RCEN bit of CTR2.
AFE must be operating before counting, because periodic counter counts AFE_FS from falling
edge to next falling edge.
The value of RCNTV register is effective only after 2nd interrupt generation, because the value of
RCNTV register is transferred from counter with a trigger of ending of 1st period cycle.
RCNTV will be 258 H (600 in decimal) if ringing cycle is 16 Hz and counted by 9600 Hz which is
default value of AFE_FS. Figure 22.8 shows detecting sequence of ringing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com