| Electronic Components Datasheet Search |
|
SH7721 Datasheet(PDF) 817 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7721 Datasheet(HTML) 817 Page - Renesas Technology Corp |
|
817 / 1524 page ![]() Section 23 USB Pin Multiplex Controller Rev. 3.00 Jan. 18, 2008 Page 755 of 1458 REJ09B0033-0300 Section 23 USB Pin Multiplex Controller 23.1 Features The USB multiplex controller controls the data path to USB transceiver from USB host controller port 1 or USB function controller. Both USB host port 1 and USB function controller are connected to USB transceiver 1 via multiplexer that is controlled by UTRCTL register. The USB host controller port 2 and USB transceiver 2 are connected one-to-one. USB transceiver 1 can be connected to USB host controller or USB function controller, while USB transceiver 2 can only be connected to the USB host controller. Because these ports and transceivers are controlled individually, USB transceiver 2 can be connected to either the USB host controller or the USB function controller regardless its status. The signals to USB transceiver are used as external pins USB1d _**** which are multiplexed with pins 113 to 123. Figure 23.1 shows the connections between the on-chip USB host controller of this LSI, the USB function controller, and the on-chip 2-port USB transceiver. USB host USB function pwr_en USB2_pwr_en USB2_ovr_current USB2_P USB2_M USB1_pwr_en/USBF_UPLUP USB1_ovr_current/ USBF_VBUS USB1d_**** USB1_P USB1_M pwr_en VBUS pwr_en/ pull-up control pin multiplexer USB host/function transceiver signals multiplexer ovr_current/ VBUS multiplexer ovr_current ovr_current Transceiver signal USB digital signal Transceiver signal Control Port 1 Port 2 USB transceiver 2 USB transceiver 1 Power Power Control transceiver Control transceiver Port 1 Power Control transceiver Selector Selector Figure 23.1 Block Diagram of USB PIN Multiplexer |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |