| Electronic Components Datasheet Search |
|
SH7721 Datasheet(PDF) 818 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7721 Datasheet(HTML) 818 Page - Renesas Technology Corp |
|
818 / 1524 page ![]() Section 23 USB Pin Multiplex Controller Rev. 3.00 Jan. 18, 2008 Page 756 of 1458 REJ09B0033-0300 23.2 Input/Output Pins USB pin multiplexer controller has pins that are shown in tables 23.1, 23.2, and 23.3 Table 23.1 Pin Configuration (Digital Transceiver Signal) Name Pin Name I/O Description RCV pin USB1d_RCV Input Input pin for receive data from differential receiver DPLS pin USB1d_DPLS Input Input pin for D + signal from receiver DMNS pin USB1d_DMNS Input Input pin for D − signal from receiver TXDPLS pin USB1d_TXDPLS Output D + transmit output pin TXENL pin USB1d_TXENL Output Driver output enable pin SUSPEND pin USB1d_SUSPEND Output Transceiver suspend state output pin SPEED pin USB1d_SPEED Output Transceiver speed control pin TXSE0 pin USB1d_TXSE0 Output SE0 state output pin Note: The pins shown in table 23.1 are used for connecting an external USB transceiver, and cannot be used when the on-chip USB transceiver is connected. Table 23.2 Pin Configuration (Analog Transceiver Signal) Name Pin Name I/O Description 1P pin USB1_P I/O D+ port1 transceiver pin 1M pin USB1_M I/O D– port1 transceiver pin 2P pin USB2_P I/O D+ port2 transceiver pin 2M pin USB2_M I/O D– port2 transceiver pin Note: The pins shown in table 23.2 can be used as two ports USB host controller pins, or one port USB host controller pins and one port USB function controller pins. Make these pins open, when they are not used. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |