Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 816 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 816 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 812Page - Renesas Technology Corp SH7721 Datasheet HTML 813Page - Renesas Technology Corp SH7721 Datasheet HTML 814Page - Renesas Technology Corp SH7721 Datasheet HTML 815Page - Renesas Technology Corp SH7721 Datasheet HTML 816Page - Renesas Technology Corp SH7721 Datasheet HTML 817Page - Renesas Technology Corp SH7721 Datasheet HTML 818Page - Renesas Technology Corp SH7721 Datasheet HTML 819Page - Renesas Technology Corp SH7721 Datasheet HTML 820Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 816 / 1524 page
background image
Section 22
Analog Front End Interface (AFEIF)
Rev. 3.00 Jan. 18, 2008 Page 754 of 1458
REJ09B0033-0300
6. After 4 digits of dial pulses are sent, interrupt is generated. (DPST is reset to "0")
7. Set DPNQ1
→ "3456H".
8. Write "1" to DPST (ACTR2).
9. After 4 digits of dial pulses are sent, interrupt is generated. (DPST is reset to "0")
10. Set DPNQ2
→ "70XXH".
11. Write "1" to DPST (ACTR2).
12. After 1 digit of dial pulse is sent, interrupt is generated. (DPST is reset to "0", and finish
sending)
22.4.4
Wake up Ringing Interrupt
System wake up function by the ringing signal from telephone line is realized by inputting
AFE_RDET signal, which is an input signal for ringing, to PINT pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com