Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 828 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 828 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 824Page - Renesas Technology Corp SH7721 Datasheet HTML 825Page - Renesas Technology Corp SH7721 Datasheet HTML 826Page - Renesas Technology Corp SH7721 Datasheet HTML 827Page - Renesas Technology Corp SH7721 Datasheet HTML 828Page - Renesas Technology Corp SH7721 Datasheet HTML 829Page - Renesas Technology Corp SH7721 Datasheet HTML 830Page - Renesas Technology Corp SH7721 Datasheet HTML 831Page - Renesas Technology Corp SH7721 Datasheet HTML 832Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 828 / 1524 page
background image
Section 24
USB Host Controller (USBH)
Rev. 3.00 Jan. 18, 2008 Page 766 of 1458
REJ09B0033-0300
24.2
Input/Output Pins
Pin configuration of the USB Host Controller is shown in table 24.1.
For the detailed method for setting each pin, see section 23, USB Pin Multiplex Controller.
Table 24.1
Pin Configuration
Pin Name
Pin Name
I/O
Function
USB1 power
enable/pull-up control
pin
USB1_pwr_en
Output
USB port 1 power enable control
USB2 power enable
pin
USB2_pwr_en
Output
USB port 2 power enable control
USB1
overcurrent/monitor
pin
USB1_ovr_current/
USBF_VBUS
Input
USB port 1 over-current detect/
USB cable connection monitor pin
USB2 overcurrent pin
USB2_ovr_current
Input
USB port 2 over-current detect
1P pin
USB1_P
I/O
D
+ port 1 transceiver pin
1M pin
USB1_M
I/O
D
− port 1 transceiver pin
2P pin
USB2_P
I/O
D
+ port 2 transceiver pin
2M pin
USB2_M
I/O
D
− port 2 transceiver pin
SPEED pin
USB1d_SPEED
Output
Transceiver speed control pin
USB external clock
EXTAL_USB
Input
Connect a crystal resonator for USB.
Alternatively, an external clock may be
input for USB (48 MHz).
USB crystal
XTAL_USB
Output
Connect a crystal resonator for USB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com