Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 827 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 827 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 823Page - Renesas Technology Corp SH7721 Datasheet HTML 824Page - Renesas Technology Corp SH7721 Datasheet HTML 825Page - Renesas Technology Corp SH7721 Datasheet HTML 826Page - Renesas Technology Corp SH7721 Datasheet HTML 827Page - Renesas Technology Corp SH7721 Datasheet HTML 828Page - Renesas Technology Corp SH7721 Datasheet HTML 829Page - Renesas Technology Corp SH7721 Datasheet HTML 830Page - Renesas Technology Corp SH7721 Datasheet HTML 831Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 827 / 1524 page
background image
Section 24
USB Host Controller (USBH)
Rev. 3.00 Jan. 18, 2008 Page 765 of 1458
REJ09B0033-0300
Section 24
USB Host Controller (USBH)
The USB Host Controller module incorporated in this LSI supports Open Host Controller
Interface (Open HCI) Specification for USB as well as the Universal Serial Bus specification
ver.1.1.
The Open HCI Specification for the USB is a register-level description of Host Controller for the
USB, which in turn is described by the USB specification.
It is necessary to refer Open HCI specification to develop drivers for this USB Host Controller and
hardware.
24.1
Features
• Support open HCI standard ver.1.0 register set
• Support Universal Serial Bus standard ver.1.1
• Root Hub function
• Support Full speed (12 Mbps) mode and Low speed (1.5 Mbps) mode
• Support Overcurrent detection
• Support 127 endpoints control in maximum
• Possible to use only the SDRAM area of area 3 as transmit data and descriptor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com