Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 831 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 831 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 827Page - Renesas Technology Corp SH7721 Datasheet HTML 828Page - Renesas Technology Corp SH7721 Datasheet HTML 829Page - Renesas Technology Corp SH7721 Datasheet HTML 830Page - Renesas Technology Corp SH7721 Datasheet HTML 831Page - Renesas Technology Corp SH7721 Datasheet HTML 832Page - Renesas Technology Corp SH7721 Datasheet HTML 833Page - Renesas Technology Corp SH7721 Datasheet HTML 834Page - Renesas Technology Corp SH7721 Datasheet HTML 835Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 831 / 1524 page
background image
Section 24
USB Host Controller (USBH)
Rev. 3.00 Jan. 18, 2008 Page 769 of 1458
REJ09B0033-0300
Bit
Bit Name
Initial
Value
R/W
Description
9
RWC
0
R/W
Remote Wakeup Connected
This bit indicates whether the host controller supports a
remote wakeup signal or not. When the remote wakeup is
supported and used in the system, the host controller must
set this bit between POST in the system firmware. The
host controller clears the bit at the same time of the
hardware reset, however, does not change at the same
time as the software reset.
This function is not supported. Be sure to write 0.
8
IR
0
R/W
Interrupt Routing
This bit determines the routing of interrupts generated by
the event registered in USBHIS. HCD clears this bit at the
same time as the hardware reset, however, does not clear
at the same time as the software reset. HCD uses this bit
as a tag to indicate the ownership of the host controller.
0: All interrupts are routed to normal host bus interrupt
mechanism
1: Interrupts are routed to SMI
7
6
HCFS1
HCFS0
0
0
R/W
R/W
Host Controller Functional State
HCD determines whether the host controller has started to
route SOF after having read the SF bit of USBHIS. This bit
can be changed by the host controller only in the
UsbSuspend state. The host controller can move from the
UsbSuspend state to the UsbResume state after having
detected the resume signal from the downstream port. In
the host controller, UsbSuspend is entered after the
software reset so that UsbReset is entered after the
hardware reset. The former resets the route hub.
00: USB Reset
01: USB Resume
10: USB Operational
11: USB Suspend



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com