Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 833 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 833 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 829Page - Renesas Technology Corp SH7721 Datasheet HTML 830Page - Renesas Technology Corp SH7721 Datasheet HTML 831Page - Renesas Technology Corp SH7721 Datasheet HTML 832Page - Renesas Technology Corp SH7721 Datasheet HTML 833Page - Renesas Technology Corp SH7721 Datasheet HTML 834Page - Renesas Technology Corp SH7721 Datasheet HTML 835Page - Renesas Technology Corp SH7721 Datasheet HTML 836Page - Renesas Technology Corp SH7721 Datasheet HTML 837Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 833 / 1524 page
background image
Section 24
USB Host Controller (USBH)
Rev. 3.00 Jan. 18, 2008 Page 771 of 1458
REJ09B0033-0300
Bit
Bit Name
Initial
Value
R/W
Description
2
PLE
0
R/W
Periodic List Enable
This bit is set to enable the processing of the periodic list.
If cleared by HCD, no periodic list processing is carried out
after next SOF. HC must check this bit before HC starts to
process the list.
0: The periodic list processing is not carried out after next
SOF
1: The periodic list processing is carried out after next
SOF
1
0
CBSR1
CBSR0
0
0
R/W
R/W
Control Bulk Service Ratio
This bit specifies the service ration of the control and bulk
ED. The host controller must compare the ratio specified
by the internal calculation whether it has processed
several non-vacant control ED in determining whether
another control ED is continued to be supplied or switched
to bulk ED before any a periodic list is processed. In case
of reset, HCD is responsible for restoring this value.
00: 1:1
01: 2:1
10: 3:1
11: 4:1
24.3.3
Hc Command Status Register (USBHCS)
The host controller uses USBHCS not only for reflecting the current status of the host controller,
but also for receiving a command issued by HCD. A write is for setting HCD. The host controller
must guarantee that the bit to which 1 is written to be set and the bit to which 0 is written to is
unchanged. HCD must distribute multiple clear commands to the host controller by a previously
issued command. The host controller driver can read all bits normally.
The SOC bit indicates the number of the frame that has detected the Scheduling Overrun error by
the host controller. This occurs when the periodic list has not completed before EOF. When the
Scheduling Overrun error is detected, the host controller increments the counter and sets SO bit in
the USBHIS register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com