Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 871 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 871 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 867Page - Renesas Technology Corp SH7721 Datasheet HTML 868Page - Renesas Technology Corp SH7721 Datasheet HTML 869Page - Renesas Technology Corp SH7721 Datasheet HTML 870Page - Renesas Technology Corp SH7721 Datasheet HTML 871Page - Renesas Technology Corp SH7721 Datasheet HTML 872Page - Renesas Technology Corp SH7721 Datasheet HTML 873Page - Renesas Technology Corp SH7721 Datasheet HTML 874Page - Renesas Technology Corp SH7721 Datasheet HTML 875Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 871 / 1524 page
background image
Section 25
USB Function Controller (USBF)
Rev. 3.00 Jan. 18, 2008 Page 809 of 1458
REJ09B0033-0300
Bit
Bit Name
Initial Value
R/W Description
4
EP2
EMPTY
1
R
EP2 (Bulk-in) FIFO Empty
[Setting conditions]
• When reset
• The FIFO buffer of EP2 has a dual-buffer
configuration, and this bit is set when at least one
of the FIFO buffer is empty.
[Clearing condition]
When both of FIFO buffers are not empty.
Note:
EP2 EMPTY is a status bit, and cannot be
cleared.
3
SETUP TS
0
R/W Setup Command Receive Complete
[Setting condition]
When 8-byte data that decodes the command by the
function is normally received from the host to EP0s
and an ACK handshake is returned to the host from
the function.
[Clearing conditions]
• When reset
• When 0 is written to by CPU
2
EP0o TS
0
R/W EP0o Receive Complete
[Setting condition]
When data is normally received from the host to EP0o
and an ACK handshake is returned from the function
to the host.
[Clearing conditions]
• When reset
• When 0 is written to by CPU
1
EP0i TR
0
R/W EP0i Transfer Request
[Setting condition]
When IN token is issued from the host to EP0i and the
FIFO buffer is empty.
[Clearing conditions]
• When reset
• When 0 is written to by CPU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com