Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 873 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 873 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 869Page - Renesas Technology Corp SH7721 Datasheet HTML 870Page - Renesas Technology Corp SH7721 Datasheet HTML 871Page - Renesas Technology Corp SH7721 Datasheet HTML 872Page - Renesas Technology Corp SH7721 Datasheet HTML 873Page - Renesas Technology Corp SH7721 Datasheet HTML 874Page - Renesas Technology Corp SH7721 Datasheet HTML 875Page - Renesas Technology Corp SH7721 Datasheet HTML 876Page - Renesas Technology Corp SH7721 Datasheet HTML 877Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 873 / 1524 page
background image
Section 25
USB Function Controller (USBF)
Rev. 3.00 Jan. 18, 2008 Page 811 of 1458
REJ09B0033-0300
Bit
Bit Name
Initial Value
R/W Description
1
EP3 TS
0
R/W EP3 (Interrupt) Transmit Complete
[Setting condition]
When data to be transmitted to the host is written to
EP3, then data is normally transferred from the host to
the function, and an ACK handshake is returned.
[Clearing conditions]
• When reset
• When 0 is written to by CPU
0
VBUSF
0
R/W USB Disconnection Detection
The USBF_VBUS pin of this module is used for
detecting connection/disconnection.
[Setting condition]
When the function is connected to the USB bus or
disconnected from it.
[Clearing conditions]
• When reset
• When 0 is written to by CPU.
25.3.3
Interrupt Flag Register 2 (IFR2)
IFR2 is an interrupt flag register for SURSS, SURSF, CFDN, SOF, SETC, and SETI. When each
flag is set to 1 and an interrupt is enabled in the corresponding bit of IER2, an interrupt occurs as
specified by the corresponding bit in ISR2. Clearing is performed by writing 0 to the bit to be
cleared. Writing 1 is not valid and nothing is changed.
Bit
Bit Name
Initial Value
R/W Description
7, 6
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
5
SURSS
0
R
Suspend/Resume Status
Status bit indicating the state of the bus
0: Normal state
1: Suspend state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com