Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 875 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 875 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 871Page - Renesas Technology Corp SH7721 Datasheet HTML 872Page - Renesas Technology Corp SH7721 Datasheet HTML 873Page - Renesas Technology Corp SH7721 Datasheet HTML 874Page - Renesas Technology Corp SH7721 Datasheet HTML 875Page - Renesas Technology Corp SH7721 Datasheet HTML 876Page - Renesas Technology Corp SH7721 Datasheet HTML 877Page - Renesas Technology Corp SH7721 Datasheet HTML 878Page - Renesas Technology Corp SH7721 Datasheet HTML 879Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 875 / 1524 page
background image
Section 25
USB Function Controller (USBF)
Rev. 3.00 Jan. 18, 2008 Page 813 of 1458
REJ09B0033-0300
Bit
Bit Name
Initial Value
R/W Description
0
SETI
0
R/W Set Interface Command Detection
[Setting condition]
When the valid Set Interface command is detected.
[Clearing conditions]
• When reset
• When 0 is written to by CPU
25.3.4
Interrupt Flag Register 3 (IFR3)
IFR1 is an interrupt flag register for EP4 TS, EP4 TF, EP5 TS, and EP5 TR. When each flag is set
to 1 and the interrupt is enabled in the corresponding bit of IER3, an interrupt request is generated
as specified by the corresponding bit in ISR3. Clearing is performed by writing 0 to the bit to be
cleared. Writing 1 is not valid and nothing is changed.
Bit
Bit Name
Initial Value
R/W Description
7 to 4
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
3
EP5 TR
0
R/W EP5 (Isochronous-in) Transmit Request
Flag indicating the FIFO state of EP5.
After the SOF packet is received, the FIFO buffer is
switched automatically. The FIFO buffer which has
transmitted data to the host in the previous frame
(before SOF reception) can be written to by the CPU.
This bit indicates the transmit state in the previous
frame.
[Setting condition]
The FIFO buffer to be transmitted is empty when an IN
token is issued from the host to EP5.
[Clearing conditions]
• When reset
• When 0 is written to by CPU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com