Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 900 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 900 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 896Page - Renesas Technology Corp SH7721 Datasheet HTML 897Page - Renesas Technology Corp SH7721 Datasheet HTML 898Page - Renesas Technology Corp SH7721 Datasheet HTML 899Page - Renesas Technology Corp SH7721 Datasheet HTML 900Page - Renesas Technology Corp SH7721 Datasheet HTML 901Page - Renesas Technology Corp SH7721 Datasheet HTML 902Page - Renesas Technology Corp SH7721 Datasheet HTML 903Page - Renesas Technology Corp SH7721 Datasheet HTML 904Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 900 / 1524 page
background image
Section 25
USB Function Controller (USBF)
Rev. 3.00 Jan. 18, 2008 Page 838 of 1458
REJ09B0033-0300
In applications that do not require USB cable connection to be detected, processing by the USB
connection or disconnection detection interrupt is not necessary. Preparations should be made with
the bus reset interrupt.
Also, in applications that require connection detection regardless of D+ pull-up control, detection
should be carried out using IRQ or a general input port.
25.4.2
Cable Disconnection
USB function
Cable connected
VBUSMN pin = 1
USB cable disconnection
VBUSMN pin = 0
UDC core reset
End
Application
IFR0/VBUSF = 1, VBUSMN = 0
USB connection or
disconnection detection interrupt
Figure 25.4
Cable Disconnection Operation
In applications that require connection/disconnection detection regardless of D+ pull-up control,
detection should be carried out using IRQ or a general input port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com