Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 902 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 902 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 898Page - Renesas Technology Corp SH7721 Datasheet HTML 899Page - Renesas Technology Corp SH7721 Datasheet HTML 900Page - Renesas Technology Corp SH7721 Datasheet HTML 901Page - Renesas Technology Corp SH7721 Datasheet HTML 902Page - Renesas Technology Corp SH7721 Datasheet HTML 903Page - Renesas Technology Corp SH7721 Datasheet HTML 904Page - Renesas Technology Corp SH7721 Datasheet HTML 905Page - Renesas Technology Corp SH7721 Datasheet HTML 906Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 902 / 1524 page
background image
Section 25
USB Function Controller (USBF)
Rev. 3.00 Jan. 18, 2008 Page 840 of 1458
REJ09B0033-0300
• Setup Stage
USB function
Application
SETUP token reception
Receive 8-byte command
data in EP0s
To data stage
Set setup command
reception complete flag
(IFR0/SETUP TS = 1)
Automatic
processing by
this module
Clear SETUP TS flag
(IFR0/SETUP TS = 0)
Clear EP0i FIFO (FCLR/EP0iCLR = 1)
Clear EP0o FIFO (FCLR/EP0oCLR = 1)
Read 8-byte data from EP0s
Decode command data
Determine data stage direction*1
Write 1 to EP0s read complete bit
(TRG/EP0s RDFN = 1)
To control-in
data stage
To control-out
data stage
Command
to be processed by
application?
Interrupt request
Yes
No
Notes: 1
In the setup stage, the application analyzes command data from the host requiring processing by
the application, and determines the subsequent processing (for example, data stage direction, etc.).
2
When the transfer direction is control-out, the EP0i transfer request interrupt required in the status
stage should be enabled here. When the transfer direction is control-in, this interrupt is not required
and should be disabled.
*2
Figure 25.6
Setup Stage Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com