Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 899 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 899 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 895Page - Renesas Technology Corp SH7721 Datasheet HTML 896Page - Renesas Technology Corp SH7721 Datasheet HTML 897Page - Renesas Technology Corp SH7721 Datasheet HTML 898Page - Renesas Technology Corp SH7721 Datasheet HTML 899Page - Renesas Technology Corp SH7721 Datasheet HTML 900Page - Renesas Technology Corp SH7721 Datasheet HTML 901Page - Renesas Technology Corp SH7721 Datasheet HTML 902Page - Renesas Technology Corp SH7721 Datasheet HTML 903Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 899 / 1524 page
background image
Section 25
USB Function Controller (USBF)
Rev. 3.00 Jan. 18, 2008 Page 837 of 1458
REJ09B0033-0300
25.4
Operation
25.4.1
Cable Connection
No
Yes
USB function
Application
Cable disconnected
VBUS pin = 0 V
UDC core reset
USB cable connection
USB1_pwr_en = 1?
IFR0/VBUSF = 1,VBUSMN= 1
USB bus connection or
disconnection detection interrupt
UDC core reset release
Bus reset reception
IFR0/BRST = 1
Bus reset interrupt
Wait for setup command
reception complete interrupt
IFR0/CFDN = 1
Endpoint information
load complete interrupt
USB module interrupt
setting
As soon as preparations are
completed, enable D+ pull-up
by USB1_pwr_en pin
Clear VBUS flag
(IFR0/VBUSF)
Firmware preparations for
start of USB communication
Clear bus reset flag
(IFR0/BRST)
Clear FIFOs
Wait for setup command
reception complete interrupt
Interrupt request
Interrupt request
Initial
settings
Enable VBUS pin by
pin function controller
Set USB operation clock
USB module stop release
Write 50-byte endpoint
information to EPIR
Figure 25.3
Cable Connection Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com