Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 895 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 895 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 891Page - Renesas Technology Corp SH7721 Datasheet HTML 892Page - Renesas Technology Corp SH7721 Datasheet HTML 893Page - Renesas Technology Corp SH7721 Datasheet HTML 894Page - Renesas Technology Corp SH7721 Datasheet HTML 895Page - Renesas Technology Corp SH7721 Datasheet HTML 896Page - Renesas Technology Corp SH7721 Datasheet HTML 897Page - Renesas Technology Corp SH7721 Datasheet HTML 898Page - Renesas Technology Corp SH7721 Datasheet HTML 899Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 895 / 1524 page
background image
Section 25
USB Function Controller (USBF)
Rev. 3.00 Jan. 18, 2008 Page 833 of 1458
REJ09B0033-0300
• EPIRN3:
Bit
Bit Name
Initial value
R/W
Description
7 to 0
D7 to D0
Undefined
W
Reserved
The write value should always be 0.
• EPIRN4:
Bit
Bit Name
Initial value
R/W
Description
7 to 0
D7 to D0
Undefined
W
Endpoint FIFO Number
Settable range: 0 to 5
An endpoint number is an endpoint number used by the USB host. The endpoint FIFO number
corresponds to the endpoint number which is described in this manual. When each endpoint
number and endpoint FIFO number corresponds to each other, transfer can be performed between
the USB host and the endpoint FIFO. Note that the setting values are limited as described below.
• Since each endpoint FIFO is optimized by a dedicated hardware corresponding to each transfer
method, transfer direction, and maximum packet size, set the endpoint FIFO with a transfer
method, transfer direction, and maximum packet size shown in the table below.
Example: Endpoint FIFO number 1 cannot be set as other than bulk transfer, OUT, and
maximum packet size (64 bytes). Although endpoint FIFO number 4 cannot be set as other
than isochronous transfer and OUT, maximum packet size can be set in the range of 0 to 64
bytes.
• Endpoint 0 and endpoint FIFO number 0 must correspond.
• The maximum packet size of endpoint FIFO number 0 can be set to 8 bytes only.
• The setting value of endpoint FIFO number 0 can be set to the maximum packet size only and
the rest data is all 0.
• The maximum packet size of endpoint FIFO numbers 1 and 2 can be set to 64 only.
• The maximum packet size of endpoint FIFO numbers 3 can be set to 8 only.
• The maximum packet size of endpoint FIFO numbers 4 and 5 can be set in the range of 0 to
64.
• When the isochronous transfer is set, Alternate can be used in the range of 0 and 1 for the same
endpoint. Be sure to allocate the Alternate to the same endpoint FIFO number.
• Endpoint information can be set up to 10 in maximum.
• Endpoint information of 10 pieces must be written.
• All information of endpoints which are not used must be written as 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com