Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 894 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 894 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 890Page - Renesas Technology Corp SH7721 Datasheet HTML 891Page - Renesas Technology Corp SH7721 Datasheet HTML 892Page - Renesas Technology Corp SH7721 Datasheet HTML 893Page - Renesas Technology Corp SH7721 Datasheet HTML 894Page - Renesas Technology Corp SH7721 Datasheet HTML 895Page - Renesas Technology Corp SH7721 Datasheet HTML 896Page - Renesas Technology Corp SH7721 Datasheet HTML 897Page - Renesas Technology Corp SH7721 Datasheet HTML 898Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 894 / 1524 page
background image
Section 25
USB Function Controller (USBF)
Rev. 3.00 Jan. 18, 2008 Page 832 of 1458
REJ09B0033-0300
• EPIRN0:
Bit
Bit Name
Initial value
R/W
Description
7 to 4
D7 to D4
Undefined
W
Endpoint Number
Settable range: 0 to 5
3
2
D3
D2
Undefined
W
Configuration Number to which Endpoint Belongs
Settable range: 0 or 1
1
0
D1
D0
Undefined
W
Interface Number to which Endpoint Belongs
Settable range: 0 to 3
• EPIRN1:
Bit
Bit Name
Initial value
R/W
Description
7
6
D7
D6
Undefined
W
Alternate Number to which Endpoint Belongs
Settable range: 0 or 1
5
4
D5
D4
Undefined
W
Transfer Method of Endpoint
Settable range:
0: Control
1: Isochronous
2: Bulk
3: Interrupt
3
D3
Undefined
W
Transfer Direction of Endpoint
Settable range:
0: Out
1: In
2 to 0
D2 to D0
Undefined
W
Reserved
The write value should always be 0.
• EPIRN2:
Bit
Bit Name
Initial value
R/W
Description
7 to 1
D7 to D1
Undefined
W
Maximum Packet Size of Endpoint
Settable range: 0 to 64
0
D0
Undefined
W
Reserved
The write value should always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com