Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 890 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 890 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 886Page - Renesas Technology Corp SH7721 Datasheet HTML 887Page - Renesas Technology Corp SH7721 Datasheet HTML 888Page - Renesas Technology Corp SH7721 Datasheet HTML 889Page - Renesas Technology Corp SH7721 Datasheet HTML 890Page - Renesas Technology Corp SH7721 Datasheet HTML 891Page - Renesas Technology Corp SH7721 Datasheet HTML 892Page - Renesas Technology Corp SH7721 Datasheet HTML 893Page - Renesas Technology Corp SH7721 Datasheet HTML 894Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 890 / 1524 page
background image
Section 25
USB Function Controller (USBF)
Rev. 3.00 Jan. 18, 2008 Page 828 of 1458
REJ09B0033-0300
25.3.33
Endpoint Stall Register 1 (EPSTL1)
EPSTL stalls each endpoint. The endpoint in which the stall bit is set to 1 returns a stall handshake
to the host from the next transfer when 1 is written to. For detailed operation, see section 25.8,
Stall Operations.
Bit
Bit Name
Initial Value R/W
Description
7 to 2
All 0
R
Reserved
This bit is always read as 0. The write value should
always be 0.
1
EP5 STL
0
R/W
EP5 Stall
Sets EP5 stall
0
EP4 STL
0
R/W
EP4 Stall
Sets EP4 stall
25.3.34
Configuration Value Register (CVR)
CVR is a register to store the Configuration/Interface/ value to be set when the Set
Configuration/Set Interface command is normally received.
Bit
Bit Name
Initial Value R/W Description
7
6
CNFV1
CNFV0
0
0
R
R
Configuration Value
The configuration setting value is stored when the Set
Configuration command has been received.
CNFV is updated when the SETC bit in the interrupt
flag register is set to 1.
5
4
INTV1
INTV0
0
0
R
R
Interface Value
The interface setting value is stored when the Set
Interface command has been received.
INTV is updated when the SETI bit in the interrupt flag
register is set to 1.
3
0
R
Reserved
This bit is always read as 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com