Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 889 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 889 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 885Page - Renesas Technology Corp SH7721 Datasheet HTML 886Page - Renesas Technology Corp SH7721 Datasheet HTML 887Page - Renesas Technology Corp SH7721 Datasheet HTML 888Page - Renesas Technology Corp SH7721 Datasheet HTML 889Page - Renesas Technology Corp SH7721 Datasheet HTML 890Page - Renesas Technology Corp SH7721 Datasheet HTML 891Page - Renesas Technology Corp SH7721 Datasheet HTML 892Page - Renesas Technology Corp SH7721 Datasheet HTML 893Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 889 / 1524 page
background image
Section 25
USB Function Controller (USBF)
Rev. 3.00 Jan. 18, 2008 Page 827 of 1458
REJ09B0033-0300
Bit
Bit Name
Initial Value R/W Description
1
EP2 DMAE
0
R/W EP2DMA Enable
Enables DMA transfer for EP2.
0
EP1 DMAE
0
R/W EP1DMAE Enable
Enables DMA transfer for EP1.
25.3.32
Endpoint Stall Register 0 (EPSTL0)
EPSTL stalls each endpoint. The endpoint in which the stall bit is set to 1 returns a stall handshake
to the host from the next transfer when 1 is written to. The stall bit for endpoint 0 is cleared
automatically on reception of 8 byte command data for which decoding is performed by the
function and the EP0 STL bit is cleared. When the SETUPTS flag bit in the IFR0 register is set to
1, a write of the EP0 STL bit to 1 is ignored. For detailed operation, see section 25.8, Stall
Operations.
Bit
Bit Name
Initial Value R/W
Description
7 to 4
All 0
R
Reserved
This bit is always read as 0. The write value should
always be 0.
3
EP3 STL
0
R/W
EP3 Stall
Sets EP3 stall
2
EP2 STL
0
R/W
EP2 Stall
Sets EP2 stall
1
EP1 STL
0
R/W
EP1 Stall
Sets EP1 stall
0
EP0 STL
0
R/W
EP0 Stall
Sets EP0 stall



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com